| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP693ACT bảng dữ liệu(PDF) 6 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP693ACT bảng dữ liệu(HTML) 6 Page - Sipex Corporation |
|
6 / 24 page ![]() Date: 4/18/05 SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation 6 1.E-04 1.E-05 1.E-06 1.E-07 1.E-08 1.E-09 1.E-10 1.E-11 1.E-12 1.E-13 1.E-14 Figure 7. Reset Threshold vs. Temperature Figure 9. Reset Delay vs. Temperature Figure 8. RESET Output Resistance vs. Temperature Figure 10. Battery Current vs. Input Supply Voltage Figure 5. V CC to VOUT On-Resistance vs. Temperature Figure 6. PFI Threshold vs. Temperature Temperature (oC) -60 -30 0 30 60 90 120 150 0.9 0.7 0.5 0.3 V CC = 4.5V V BATT = 2.8V Temperature (oC) -60 -30 0 30 60 90 120 150 1.256 1.252 1.248 1.244 1.240 1.236 V CC = 5V V BATT = 0V Temperature (oC) -60 -30 0 30 60 90 120 150 4.69 4.68 4.67 4.66 4.65 4.64 4.63 4.62 4.61 4.60 V BATT = 0V V CC Rising V CC Falling Temperature (oC) -60 -30 0 30 60 90 120 150 400 350 300 250 200 150 100 50 0 Sourcing V CC = 5V Sinking V CC = 4.25V Temperature (oC) -60 -30 0 30 60 90 120 150 0.240 0.230 0.220 0.210 0.200 0.190 0.180 V CC = 5V V BATT = 2.8V V CC (V) 0 1 2 3 4 5 V BATT = 2.8V TYPICAL PERFORMANCE CHARACTERISTICS |