| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP526CF bảng dữ liệu(PDF) 6 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP526CF bảng dữ liệu(HTML) 6 Page - Sipex Corporation |
|
6 / 24 page ![]() 6 Rev: C Date:2/1/06 SP526 Multi–Mode Serial Transceiver © Copyright 2006 Sipex Corporation - PINOUT PIN DESCRIPTION Pin 1 — ENR4 — Enables receiver 4; active high; TTL input. Pin 2 — ENR3 — Enables receiver 3; active high; TTL input. Pin 3 — ENR2 — Enables receiver 2; active high; TTL input. Pin 4 — ENR1 — Enables receiver 1; active high; TTL input. Pin 5 — T4IN — TTL input; transmit data source for DRA4 and DRB4 outputs. Pin 6 — T3IN — TTL input; transmit data source for DRA3 and DRB3 outputs. Pin 7 — T2IN — TTL input; transmit data source for DRA2 and DRB2 outputs. Pin 8 — T1IN — TTL input; transmit data source for DRA1 and DRB1 outputs. Pins 9 — ENT4 — Enables driver 4, active low; TTL input. Pins 10 — ENT3 — Enables driver 3, active low; TTL input. Pins 11 — ENT2 — Enables driver 2, active low; TTL input. Pins 12 — ENT1 — Enables driver 1, active low; TTL input. Pins 13 — D1 — Transmitter and receiver decode register; configures transmitter and receiver modes; TTL inputs. SP526 33 32 31 30 29 28 27 26 25 24 23 1 2 3 4 5 6 7 8 9 10 11 ENR4 ENR3 ENR2 ENR1 T4IN T3IN T2IN T1IN ENT4 ENT3 ENT2 R3OUT R4OUT VCC T4OUT T3OUTA T3OUTB T2OUTA T2OUTB T1OUTA T1OUTB GND |