| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP211CT bảng dữ liệu(PDF) 10 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP211CT bảng dữ liệu(HTML) 10 Page - Sipex Corporation |
|
10 / 16 page ![]() Date:05/26/2005 +5V High-Speed RS232 Transceivers © Copyright 2005 Sipex Corporation 10 Specification RS–232D RS–423A RS–422 RS–485 RS–562 Mode of Operation Single–Ended Single–Ended Differential Differential Single–Ended No. of Drivers and Receivers 1 Driver 1 Driver 1 Driver 32 Drivers 1 Driver Allowed on One Line 1 Receiver 10 Receivers 10 Receivers 32 Receivers 1 Receiver Maximum Cable Length 50 feet 4,000 feet 4,000 feet 4,000 feet C ≤ 2,500pF @ <20kbps; C ≤1,000pF @ >20kbps Maximum Data Rate 20kbps 100kbps 10Mbps 10Mbps 64kbps Driver output Maximum Voltage ±25V ±6V –0.25V to +6V –7V to +12V –3.7V to +13.2V Driver Output Signal Level Loaded ±5V ±3.6V ±2V ±1.5V ±3.7V Unloaded ±15V ±6V ±5V ±5V ±13.2V Driver Load Impedance 3 – 7kohm 450 ohm 100 ohm 54 ohm 3–7kohm Max. Driver Output Current (High Impedance State) Power On ±100µA Power Off VMAX/300 100µA ±100µA ±100µA Slew Rate 30V/µs max. Controls Provided 30V/µs max. Receiver Input Voltage Range ±15V ±12V –7V to +7V –7V to +12V ±15V Receiver Input Sensitivity ±3V ±200mV ±200mV ±200mV ±3V Receiver Input Resistance 3–7kohm 4kohm min. 4kohm min. 12kohm min. 3–7kohm Table 3. EIA Standard Definitions EIA STANDARDS The Electronic Industry Association (EIA) de- veloped several standards of data transmission which are revised and updated in order to meet the requirements of the industry. In data pro- cessing, there are two basic means of communi- cating between systems and components. The RS-232 standard was first introduced in 1962 and, since that time, has become an industry standard. The RS-232 is a relatively slow data exchange protocol, with a maximum baud rate of only 20kbaud, which can be transmitted over a maxi- mum copper wire cable length of 50 feet. The SP200 through SP213 Series of data communi- cations interface products have been designed to meet both the EIA protocol standards, and the needs of the industry. ±10kV ESD PROTECTION The SP200 Series is equipped with Sipex-pro- prietary ESD protection circuitry on all RS-232 inputs and outputs. The SP200 Series has been characterized using MIL-STD-883C Method 3015.7 Human Body Model. Each device in the family can withstand up to ±10kV of static discharge on all RS-232 inputs and outputs. All other pins of each device will maintain ≥ ±2kV of ESD protection. |