công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP211CA bảng dữ liệu(PDF) 14 Page - Sipex Corporation

tên linh kiện SP211CA
Giải thích chi tiết về linh kiện  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211CA bảng dữ liệu(HTML) 14 Page - Sipex Corporation

Back Button SP211CA Datasheet HTML 8Page - Sipex Corporation SP211CA Datasheet HTML 9Page - Sipex Corporation SP211CA Datasheet HTML 10Page - Sipex Corporation SP211CA Datasheet HTML 11Page - Sipex Corporation SP211CA Datasheet HTML 12Page - Sipex Corporation SP211CA Datasheet HTML 13Page - Sipex Corporation SP211CA Datasheet HTML 14Page - Sipex Corporation SP211CA Datasheet HTML 15Page - Sipex Corporation SP211CA Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
14
RS-232 Transceivers:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP207CA .......... 5 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP207CA/TR .... 5 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP207CP .......... 5 ............................. 3 ................................ 0°C to +70°C ............................... 24–pin PDIP
SP207CT .......... 5 ............................. 3 ................................ 0°C to +70°C ............................ 24–pin WSOIC
SP207CT/TR .... 5 ............................. 3 ................................ 0°C to +70°C ............................ 24–pin WSOIC
SP207EA .......... 5 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP207EA/TR .... 5 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP207EP .......... 5 ............................. 3 ............................ –40°C to +85°C ............................... 24–pin PDIP
SP207ET .......... 5 ............................. 3 ............................ –40°C to +85°C ............................ 24–pin WSOIC
SP207ET/TR .... 5 ............................. 3 ............................ –40°C to +85°C ............................ 24–pin WSOIC
SP208CA .......... 4 ............................. 4 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP208CA/TR .... 4 ............................. 4 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP208CP .......... 4 ............................. 4 ................................ 0°C to +70°C ............................... 24–pin PDIP
SP208CT .......... 4 ............................. 4 ................................ 0°C to +70°C ............................ 24–pin WSOIC
SP208CT/TR .... 4 ............................. 4 ................................ 0°C to +70°C ............................ 24–pin WSOIC
SP208EA .......... 4 ............................. 4 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP208EA/TR .... 4 ............................. 4 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP208EP .......... 4 ............................. 4 ............................ –40°C to +85°C ............................... 24–pin PDIP
SP208ET .......... 4 ............................. 4 ............................ –40°C to +85°C ............................ 24–pin WSOIC
SP208ET/TR .... 4 ............................. 4 ............................ –40°C to +85°C ............................ 24–pin WSOIC
RS-232 Transmitters:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP204CP .......... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin PDIP
SP204CT .......... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin SOIC
SP204CT/TR .... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin SOIC
SP204EP .......... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin PDIP
SP204ET .......... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin SOIC
SP204ET/TR .... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin SOIC
RS-232 Transmitters with Low–Power Shutdown:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP200CP .......... 5 ............................. 0 ................................ 0°C to +70°C ............................... 20–pin PDIP
SP200CT .......... 5 ............................. 0 ................................ 0°C to +70°C ............................ 20–pin WSOIC
SP200CT/TR .... 5 ............................. 0 ................................ 0°C to +70°C ............................ 20–pin WSOIC
SP200EP .......... 5 ............................. 0 ............................ –40°C to +85°C ............................... 20–pin PDIP
SP200ET .......... 5 ............................. 0 ............................ –40°C to +85°C ............................ 20–pin WSOIC
SP200ET/TR .... 5 ............................. 0 ............................ –40°C to +85°C ............................ 20–pin WSOIC
ORDERING INFORMATION
/TR = Tape and Reel
Pack quantity is 1,500 for SSOP, WSIOC.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP200ET/TR = standard; SP200ET-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16