| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FSXXXSP bảng dữ liệu(PDF) 35 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FSXXXSP bảng dữ liệu(HTML) 35 Page - List of Unclassifed Manufacturers |
|
35 / 52 page ![]() SECTION 9 SECTION 1 63 EnclosEd EncapsulatEd (pottEd) control Va rating Catalog number Case style (page 262) approx. dimensions (Inches) approx. Weight (lbs.) mtg type W - Wall Wiring diagram (page 277) Width depth Height 50 QC05prCB nQ0 3.75 5.25 7.25 6 W SCD 4 100 QC10prCB nQ0 3.75 5.25 7.25 7 W SCD 4 150 QC15prCB nQ0 3.75 5.25 7.25 8 W SCD 4 200 QC20prCB nQ1 4.50 5.75 7.25 11 W SCD 4 250 QC25prCB nQ1 4.50 5.75 7.25 13 W SCD 4 350 QC35prCB nQ1 4.50 5.75 7.25 14 W SCD 4 500 QC50prCB nQ2 5.00 4.75 9.25 15 W SCD 4 750 QC75prCB nQ2 5.00 4.75 9.25 18 W SCD 4 1000 Q1C0prCB nQ3 5.88 5.50 10.50 25 W SCD 4 1500 Q1C5prCf nQ4 7.00 6.50 11.75 36 W SCD 4 2000 Q002prCf nQ4 7.00 6.50 11.75 46 W SCD 4 3000 Q003prCf nQ4 7.00 6.50 11.75 65 W SCD 4 5000 Q005prCf nQ5 10.00 7.75 17.25 105 W SCD 4 600 primary Volts 12/24 secondary Volts 60 Hz © Hammond Power Solutions Inc. Data subject to change without notice. © Hammond power solutions Inc. Data subject to change without notice. sInGle pHase, nema 3r stYle enClosure |