công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WS2G bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện WS2G
Giải thích chi tiết về linh kiện  PS-900 Soldering System High Power. Superior Control. Cost Effective.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

WS2G bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  WS2G Datasheet HTML 1Page - List of Unclassifed Manufacturers WS2G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SFV-CN05A
Conical Solder Tip
0.5mm (.02")
SFV-CNL10A
Conical Long Solder Tip
1.0mm (.04")
SFV-CH50A
Chisel Solder Tip
5.0mm (.197")
SFV-CH25A
Chisel Solder Tip
2.5mm (.10")
SFV-CH10A
Chisel Solder Tip
1.0mm (.04")
SFV-DRH420A
Hoof Solder Tip 45°
2.0mm (.08")
SFV-CH18A
Fine Solder Tip
1.8mm (.07")
SFV-CH15A
Chisel Solder Tip
1.5mm (.06")
SFV-CNL03A
Conical Long Solder Tip
0.3mm (.01")
SFV-CNB04A
Conical Bent Solder Tip
0.4mm (.016")
SFV-DRH430A
Drag Solder Tip
Hoof, 3.0mm (.12")
SFV-DRK45A
Knife Solder Tip
4.5mm (.177")
SFV-DRK30A
Knife Solder Tip
3.0mm (.12")
EASY ACCESS SOLDERING TIPS for longer reach touch up applications
SFV-CH10
Chisel Solder Tip
30° 1.0mm (.04")
SFV-CH20
Chisel Solder Tip
2.0mm (.08")
SFV-CH25
Chisel Solder Tip
2.5mm (.10")
SFV-CNL10
Conical Long Solder Tip
1.0mm (.04")
SFV-CNL14
Conical Long Solder Tip
1.4mm (.056")
SFV-DRH20
Conical Bevel Solder Tip
2.0mm (.08")
SOLDERING TIPS for heavy duty applications
The second digit denotes substrate material (damage tolerance). F= FR4 / Glass Fiber, for most standard applications. Two other series are also available, just
replace F with either T or C. T = Temperature Sensitive, C = Ceramic
SFV-CH50
Extra Large Chisel Solder Tip
5.0mm (.20")
SFV-CHB15
Chisel Bent 30°Solder Tip
1.5mm (.06")
SFV-CN05
Conical Solder Tip
0.5mm (.02")
SFV-CNB05
Conical Bent Solder Tip
0.5mm (.02")
SFV-DRK50
Knife Solder Tip
5.0mm (.20")
SFV-CNL04
Conical Long Solder Tip
0.4mm (.016")
SFV-DRK50S
Drag Soldering Tip
Knife 5.0mm (.20")
SFV-CNL20
Conical Tip Long
2.0mm (.08")
Part No.
Description
PS-900
Complete System: PS-PW900, PS-HC3, WS2, AC-CP2
Accessories
PS-PW900
Power Supply, 100 to 240 VAC, 50/60 Hz, 90W Max. Input
PS-HC3
Hand-piece w/cord (PS-H3) and Coil Assembly (PS-CA3)
PS-CA3
Coil Assembly, PS-900 System
PS-H3
Hand-piece with Cord, NO Coil Assembly
WS2
Auto-sleep Workstand, Black Cradle
WS2G
Auto-sleep Workstand, Green Cradle
AC-CP2
Tip Removal Pad
PS-900 Soldering System
A. PS-H3 Hand-piece with Cord, NO Coil Assembly
B. PS-CA3 Coil Assembly
C. SxV Soldering Tip
D. PS-PW900 Power Supply
E. WS2 Auto-sleep Workstand
F. PS-HC3 Hand-piece w/cord and Coil Assembly
A
B
D
E
F
www.okinternational.com
C



Html Pages

1 2