| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP1518 bảng dữ liệu(PDF) 8 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP1518 bảng dữ liệu(HTML) 8 Page - Monolithic Power Systems |
|
8 / 9 page ![]() MP1518 – FIXED FREQUENCY WHITE LED DRIVER MP1518 Rev. 1.6 www.MonolithicPower.com 8 7/25/2006 MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. © 2006 MPS. All Rights Reserved. TM PACKAGE INFORMATION TSOT23-6 0.30 0.50 SEATING PLANE 0.95 BSC 0.90 1.30 1.45 MAX 0.00 0.15 TOP VIEW FRONT VIEW SIDE VIEW RECOMMENDED LAND PATTERN 2.80 3.00 1.50 1.70 2.60 3.00 1 3 4 6 0.09 0.20 0.30 0.55 0o-8o 0.25 BSC GAUGE PLANE 2.60 TYP 1.20 TYP 0.95 BSC 0.60 TYP SEE DETAIL "A" DETAIL A AAAA PIN 1 See Note 7 EXAMPLE TOP MARK NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURR. 3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. 4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.10 MILLIMETERS MAX. 5) DRAWING CONFORMS TO JEDEC MO-193, VARIATION AB. 6) DRAWING IS NOT TO SCALE. 7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK FROM LEFT TO RIGHT, (SEE EXAMPLE TOP MARK) |