| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT83SL216 bảng dữ liệu(PDF) 21 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83SL216 bảng dữ liệu(HTML) 21 Page - Exar Corporation |
|
21 / 42 page ![]() XRT83SL216 19 REV. 1.0.0 16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT 2.0 TRANSMIT PATH LINE INTERFACE The transmit path consists of 16 independent E1 transmitters. The following section describes the complete transmit path from TCLK/TPOS/TNEG inputs to TTIP/TRING outputs. A simplified block diagram of the transmit path is shown in Figure 10. 2.1 TCLK/TPOS/TNEG Digital Inputs In dual rail mode, TPOS and TNEG are the digital inputs for the transmit path. In single rail mode, TNEG can be tied to ground. The XRT83SL216 can be programmed to sample the inputs on either edge of TCLK. By default, data is sampled on the falling edge of TCLK. To sample data on the rising edge of TCLK, set TCLKinv to "1" in the appropriate global register. Figure 11 is a timing diagram of the transmit input data sampled on the falling edge of TCLK. Figure 12 is a timing diagram of the transmit input data sampled on the rising edge of TCLK. The timing specifications are shown in Table 2. FIGURE 11. TRANSMIT DATA SAMPLED ON FALLING EDGE OF TCLK FIGURE 12. TRANSMIT DATA SAMPLED ON RISING EDGE OF TCLK FIGURE 10. SIMPLIFIED BLOCK DIAGRAM OF THE TRANSMIT PATH HDB3 Encoder Tx Jitter Attenuator Timing Control Tx Pulse Shaper Line Driver TTIP TRING TCLK TNEG TPOS TCLK TPOS or TNEG TCLK R TCLK F T HO T SU TCLK TPOS or TNEG TCLK F TCLK R T HO T SU |