| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CK-2125-R10MTK bảng dữ liệu(PDF) 27 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CK-2125-R10MTK bảng dữ liệu(HTML) 27 Page - Kemet Corporation |
|
27 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 27 Ordering Code Impedance ( Ω Ω) ±25% Measuring Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (mA) Thickness mm (inches) Tape & Reel Packaging Quantity BK-0603HS220TK 22 100 0.10 500 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603HS330TK 33 100 0.20 350 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603HS800TK 80 100 0.40 200 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603HS121TK 120 100 0.50 200 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603HS241TK 240 100 0.80 200 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603HM600TK 60 100 0.40 200 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603HM121TK 120 100 0.50 200 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603HM241TK 240 100 0.80 200 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603LL100TK 10 100 0.40 200 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603LL220TK 22 100 0.50 200 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603LL330TK 33 100 0.80 150 0.30 ±0.03 (0.012 ±0.001) 15,000 BK-0603LL470TK 47 100 1.00 150 0.30 ±0.03 (0.012 ±0.001) 15,000 Ordering Code Impedance ( Ω Ω) ±25% Measuring Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (mA) Thickness mm (inches) Tape & Reel Packaging Quantity BK-1005HW680TK 68 100 0.17 500 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HW121TK 120 100 0.24 450 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HW241TK 240 100 0.31 400 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HW431TK 430 100 0.50 350 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HW601TK 600 100 0.60 300 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HS100TK 10 100 0.05 1000 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HS330TK 33 100 0.10 700 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HS680TK 68 100 0.13 600 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HS121TK 120 100 0.23 500 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HS241TK 240 100 0.33 400 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HS601TK 600 100 0.58 300 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HM121TK 120 100 0.25 300 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HM241TK 240 100 0.36 300 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HM471TK 470 100 0.56 250 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HM601TK 600 100 0.59 250 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005HM102TK 1000 100 0.80 150 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005LL100TK 10 100 0.15 500 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005LL220TK 22 100 0.20 400 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005LL330TK 33 100 0.30 400 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005LL470TK 47 100 0.35 350 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005LL680TK 68 100 0.31 400 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005LL121TK 120 100 0.45 350 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005LL181TK 180 100 0.53 300 0.50 ±0.05 (0.020 ±0.002) 10,000 BK-1005LL241TK 240 100 0.70 250 0.50 ±0.05 (0.020 ±0.002) 10,000 Ordering Code Impedance ( Ω Ω) ±25% Measuring Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (mA) Thickness mm (inches) Tape & Reel Packaging Quantity BKP1005HS121TK 120 100 0.14 1000 0.50 ±0.05 (0.020 ±0.002) 10,000 0201 Multilayer Ferrite Chip Beads Standard Type (BK Series) 0402 Multilayer Ferrite Chip Beads Standard Type (BK Series) 0402 Multilayer Ferrite Chip Beads For Power Lines (BKP Series) |