| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HK-1608-R15JTK bảng dữ liệu(PDF) 5 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
HK-1608-R15JTK bảng dữ liệu(HTML) 5 Page - Kemet Corporation |
|
5 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 5 Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity LB-1608-T4R7MK 4.7 ±20% 45 0.55 70 7.96 4,000 LB-1608-T8R2MK 8.2 ±20% 32 0.70 50 2.52 4,000 LB-1608-T100MK 10 ±20% 32 0.70 50 2.52 4,000 0603 Case Size Standard Type (LB 1608 Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity LB-2012-T1R0MK 1.0 ±20% 100 0.15 300 7.96 3,000 LB-2012-T2R2MK 2.2 ±20% 80 0.23 240 7.96 3,000 LB-2012-T4R7MK 4.7 ±20% 45 0.40 140 7.96 3,000 LB-2012-T100MK 10 ±20% 32 0.70 100 2.52 3,000 LB-2012T100MRK* 10 ±20% 32 0.50 100 2.52 3,000 LB-2012-T220MK 22 ±20% 15 1.70 75 2.52 3,000 LB-2012-T470MK 47 ±20% 11 3.70 50 2.52 3,000 LB-2012-T101MK 100 ±20% 8 7.00 30 0.796 3,000 0805 Case Size Standard Type (LB 2012 Series) * Low Rdc Type 0806 Case Size Standard Type (LB 2016 Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity LB-2016-T1R0MK 1.0 ±20% 100 0.09 455 7.96 2,000 LB-2016-T1R5MK 1.5 ±20% 80 0.11 350 7.96 2,000 LB-2016-T2R2MK 2.2 ±20% 70 0.13 315 7.96 2,000 LB-2016-T3R3MK 3.3 ±20% 55 0.20 280 7.96 2,000 LB-2016-T4R7MK 4.7 ±20% 45 0.25 210 7.96 2,000 LB-2016-T6R8MK 6.8 ±20% 38 0.35 175 7.96 2,000 LB-2016-T100MK 10 ±20% 32 0.50 155 2.52 2,000 LB-2016-T150MK 15 ±20% 28 0.70 130 2.52 2,000 LB-2016-T220MK 22 ±20% 16 1.00 105 2.52 2,000 LB-2016-T330MK 33 ±20% 14 1.70 85 2.52 2,000 LB-2016-T470MK 47 ±20% 11 2.40 60 2.52 2,000 LB-2016-T680MK 68 ±20% 10 3.00 50 2.52 2,000 LB-2016-T101MK 100 ±20% 8 4.50 40 0.796 2,000 1007 Case Size Standard Type (LB 2518 Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity LB-2518-T1R0MK 1.0 ±20% 100 0.06 500 7.96 2,000 LB-2518-T1R5MK 1.5 ±20% 80 0.07 400 7.96 2,000 LB-2518-T2R2MK 2.2 ±20% 68 0.09 340 7.96 2,000 LB-2518-T3R3MK 3.3 ±20% 54 0.11 270 7.96 2,000 LB-2518-T4R7MK 4.7 ±20% 46 0.13 240 7.96 2,000 LB-2518-T6R8MK 6.8 ±20% 38 0.15 195 7.96 2,000 LB-2518-T100MK 10 ±20% 30 0.25 165 2.52 2,000 LB-2518-T150MK 15 ±20% 23 0.32 145 2.52 2,000 LB-2518-T220MK 22 ±20% 19 0.50 115 2.52 2,000 LB-2518-T330MK 33 ±20% 15 0.70 95 2.52 2,000 LB-2518-T470MK 47 ±20% 12 0.95 85 2.52 2,000 LB-2518-T680MK 68 ±20% 9.5 1.50 70 2.52 2,000 LB-2518-T101MK 100 ±20% 9 2.10 55 0.796 2,000 LB-2518-T151MK 150 ±20% 7 3.20 45 0.796 2,000 LB-2518-T221MK 220 ±20% 5.5 4.50 35 0.796 2,000 LB-2518-T331MK 330 ±20% 4.5 7.00 30 0.796 2,000 LB-2518-T471MK 470 ±20% 3.5 10.00 25 0.796 2,000 LB-2518-T681MK 680 ±20% 3 17.00 20 0.796 2,000 LB-2518-T102MK 1000 ±20% 2.4 24.00 15 0.252 2,000 |