công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NP88N055DLE bảng dữ liệu(PDF) 2 Page - Inchange Semiconductor Company Limited

tên linh kiện NP88N055DLE
Giải thích chi tiết về linh kiện  isc N-Channel MOSFET Transistor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISC [Inchange Semiconductor Company Limited]
Trang chủ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NP88N055DLE bảng dữ liệu(HTML) 2 Page - Inchange Semiconductor Company Limited

  NP88N055DLE Datasheet HTML 1Page - Inchange Semiconductor Company Limited NP88N055DLE Datasheet HTML 2Page - Inchange Semiconductor Company Limited NP88N055DLE Datasheet HTML 3Page - Inchange Semiconductor Company Limited NP88N055DLE Datasheet HTML 4Page - Inchange Semiconductor Company Limited NP88N055DLE Datasheet HTML 5Page - Inchange Semiconductor Company Limited NP88N055DLE Datasheet HTML 6Page - Inchange Semiconductor Company Limited NP88N055DLE Datasheet HTML 7Page - Inchange Semiconductor Company Limited NP88N055DLE Datasheet HTML 8Page - Inchange Semiconductor Company Limited NP88N055DLE Datasheet HTML 9Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
isc N-Channel MOSFET Transistor
NP88N055DLE
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
55
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 55V; VGS= 0
--
10
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
--
±
10
uA
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
1.5
2.5
V
RDS(on)1
Drain-Source On-Resistance
VGS= 10V; ID= 44A
--
5.2
mΩ
RDS(on)2
Drain-Source On-Resistance
VGS= 5V; ID= 44A
--
6.3
mΩ
RDS(on)3
Drain-Source On-Resistance
VGS= 4.5V; ID= 44A
--
6.8
mΩ
VSD
Forward On-Voltage
IS= 88A; VGS= 0
--
1.0
V
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose,
nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages.
It is strictly prohibited to reprint or copy part or all of this datasheet without permission from ISC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com