công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KA-4040ZGS bảng dữ liệu(PDF) 2 Page - Kingbright Corporation

tên linh kiện KA-4040ZGS
Giải thích chi tiết về linh kiện  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KINGBRIGHT [Kingbright Corporation]
Trang chủ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4040ZGS bảng dữ liệu(HTML) 2 Page - Kingbright Corporation

  KA-4040ZGS Datasheet HTML 1Page - Kingbright Corporation KA-4040ZGS Datasheet HTML 2Page - Kingbright Corporation KA-4040ZGS Datasheet HTML 3Page - Kingbright Corporation KA-4040ZGS Datasheet HTML 4Page - Kingbright Corporation KA-4040ZGS Datasheet HTML 5Page - Kingbright Corporation KA-4040ZGS Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAL0273
REV NO: V.4B
DATE: MAR/25/2013
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.Liu
ERP: 1201006684
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic
significantly reduces thermal stress, it is more susceptible to damage by external mechanical force.
As a result, special handling precautions need to be observed during assembly using silicone encapsulated
LED products. Failure to comply might lead to damage and premature failure of the LED.
1. Handle the component along the side surfaces by using forceps or appropriate tools.
2. Do not directly touch or handle the silicone lens surface. It may damage the internal circuitry.
3. As silicone encapsulation is permeable to gases, some corrosive substances such as H2S might corrode silver plating of
leadframe. Special care should be taken if an LED with silicone encapsulation is to be used near such substances.
Detailed application notes are listed on our website.
http://www.kingbright.com/application_notes
Kingbright



Html Pages

1 2 3 4 5 6