| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA3603 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SA3603 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 8 page ![]() Philips Semiconductors Preliminary specification SA3603 Cellular-band low voltage front-end 1999 Dec 17 8 Definitions Short-form specification — The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition — Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information — Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Disclaimers Life support — These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes — Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088–3409 Telephone 800-234-7381 © Copyright Philips Electronics North America Corporation 2000 All rights reserved. Printed in U.S.A. Date of release: 04-00 Document order number: 9397 750 07035 Philips Semiconductors Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Production Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. Data sheet status [1] Please consult the most recently issued datasheet before initiating or completing a design. |