| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB95F133JS bảng dữ liệu(PDF) 10 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F133JS bảng dữ liệu(HTML) 10 Page - fujitsu semiconductor |
|
10 / 63 page ![]() MB95130M Series 10 (Continued) * : For the I/O circuit type, refer to " ■ I/O CIRCUIT TYPE". Pin no. Pin name I/O circuit type* Function 23 P10/UIO G General-purpose I/O port Shared with UART/SIO ch.0 data input (UI0) 24 P11/UO0 H General-purpose I/O port Shared with UART/SIO ch.0 data output (UO0) 25 P12/UCK0/ EC0 General-purpose I/O port Shared with UART/SIO ch.0 clock I/O (UCK0) and 8/16-bit com- pound timer ch.0 clock input (EC0) 26 P13/TRG0/ ADTG General-purpose I/O port Shared with 16-bit PPG ch.0 trigger input (TRG0) and A/D converter trigger input (ADTG) 27 P14/PPG0 General-purpose I/O port Shared with 16-bit PPG ch.0 output (PPG0) 28 P15 General-purpose I/O port |