công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8541EVTAPE bảng dữ liệu(PDF) 39 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8541EVTAPE
Giải thích chi tiết về linh kiện  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EVTAPE bảng dữ liệu(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8541EVTAPE Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8541EVTAPE Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8541EVTAPE Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8541EVTAPE Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8541EVTAPE Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8541EVTAPE Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8541EVTAPE Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8541EVTAPE Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8541EVTAPE Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
39
Local Bus
Figure 20. Local Bus Signals, GPCM/UPM Signals for LCCR[CLKDIV] = 4 or 8 (DLL Enabled)
LSYNC_IN
UPM Mode Input Signal:
LUPWAIT
tLBIXKH2
tLBIVKH2
tLBIVKH1
tLBKHOZ1
T1
T3
UPM Mode Output Signals:
LCS[0:7]/LBS[0:3]/LGPL[0:5]
GPCM Mode Output Signals:
LCS[0:7]/LWE
tLBKHOV1
tLBKHOV1
tLBKHOZ1
T2
T4
Input Signals:
LAD[0:31]/LDP[0:3]
tLBIXKH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84