| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8541VTAPE bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541VTAPE bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 4 Freescale Semiconductor Overview — SRAM operation supports relocation and is byte-accessible — Cache mode supports instruction caching, data caching, or both — External masters can force data to be allocated into the cache through programmed memory ranges or special transaction types (stashing) — Eight-way set-associative cache organization (1024 sets of 32-byte cache lines) — Supports locking the entire cache or selected lines – Individual line locks set and cleared through Book E instructions or by externally mastered transactions — Global locking and flash clearing done through writes to L2 configuration registers — Instruction and data locks can be flash cleared separately — Read and write buffering for internal bus accesses • Address translation and mapping unit (ATMU) — Eight local access windows define mapping within local 32-bit address space — Inbound and outbound ATMUs map to larger external address spaces – Three inbound windows plus a configuration window on PCI – Four inbound windows – Four outbound windows plus default translation for PCI • DDR memory controller — Programmable timing supporting first generation DDR SDRAM — 64-bit data interface, up to MHz data rate — Four banks of memory supported, each up to 1 Gbyte — DRAM chip configurations from 64 Mbits to 1 Gbit with x8/x16 data ports — Full ECC support — Page mode support (up to 16 simultaneous open pages) — Contiguous or discontiguous memory mapping — Sleep mode support for self refresh DDR SDRAM — Supports auto refreshing — On-the-fly power management using CKE signal — Registered DIMM support — Fast memory access via JTAG port — 2.5-V SSTL2 compatible I/O • Programmable interrupt controller (PIC) — Programming model is compliant with the OpenPIC architecture — Supports 16 programmable interrupt and processor task priority levels — Supports 12 discrete external interrupts — Supports 4 message interrupts with 32-bit messages — Supports connection of an external interrupt controller such as the 8259 programmable interrupt controller |