| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SF8A02-G bảng dữ liệu(PDF) 1 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
SF8A02-G bảng dữ liệu(HTML) 1 Page - Comchip Technology |
|
1 / 2 page ![]() Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS For capacitive load, derate current by 20%. Single phase, half wave, 60Hz, resistive or inductive load. Rating at 25 oC ambient temperature unless otherwise specified. NOTES : -55 to + 150 TO-220AC SF8A01-G THRU SF8A06-G Voltage Range 50 to 600 V Current 8.0 Ampere Glass Passivated Super Fast Recovery Rectifier SF 8A01-G SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR Trr CJ TJ, TSTG SF 8A02-G SF 8A03-G SF 8A04-G SF 8A05-G 50 100 200 140 200 400 35 70 280 50 100 400 SF 8A06-G 600 420 600 8.0 10.0 125 1.3 1.5 0.95 35 50 250 65 2.2 UNIT V V V V A A uA uA o C pF o CW nS 300 210 300 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Peak Forward Surge Current, 8.3ms single Maximum Instantaneous Forward Voltage Maximum DC Reverse Current @TJ=25 o C Typical junction Capacitance (Note 2) Operating Junction and Storage Current TC=100 o C Half sine-wave superimposed on rated load (JEDEC method) @ 8.0 A At Rated DC Blocking Voltage @TJ=125 o C Maximum Reverse Recovery Time (Note 1) Typical Thermal Resistance (Note 3) Features Low forward voltage drop Fast switching for high efficiency High current capability Case: Molded plastic TO-220AC High surge current capability Weight: 2.03 grams Polarity:Color band denotes cathode method 208 Mounting position: Any Terminals: Solderable per MIL-STD-202 Mechanical Data Low reverse leakage current R JC Temperature Range (1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. (3) Thermal Resistance junction to case. Epoxy: UL 94V-0 rate flame retardant 1 2 MAX.412(10.5) .06(1.52) .05(1.27) .594(15.1) .587(14.9) .56(14.22) .53(13.46) .037(0.94) .027(0.68) DIA .205(5.20) .195(4.95) .154(3.91) .148(3.74) PIN 12 .185(4.70) .175(4.44) .11(2.79) .10(2.54) .025(0.64) .014(0.35) .055(1.40) .045(1.14) COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 6 57-8921 |
Số phần tương tự - SF8A02-G |
|
Mô tả tương tự - SF8A02-G |