| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8541EVTALE bảng dữ liệu(PDF) 69 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541EVTALE bảng dữ liệu(HTML) 69 Page - Freescale Semiconductor, Inc |
|
69 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 69 Thermal 16.2.2 Internal Package Conduction Resistance For the packaging technology, shown in Table 49, the intrinsic internal conduction thermal resistance paths are as follows: • The die junction-to-case thermal resistance • The die junction-to-board thermal resistance Figure 43 depicts the primary heat transfer path for a package with an attached heat sink mounted to a printed-circuit board. Figure 43. Package with Heat Sink Mounted to a Printed-Circuit Board The heat sink removes most of the heat from the device. Heat generated on the active side of the chip is conducted through the silicon and through the lid, then through the heat sink attach material (or thermal interface material), and finally to the heat sink. The junction-to-case thermal resistance is low enough that the heat sink attach material and heat sink thermal resistance are the dominant terms. 16.2.3 Thermal Interface Materials A thermal interface material is required at the package-to-heat sink interface to minimize the thermal contact resistance. For those applications where the heat sink is attached by spring clip mechanism, Figure 44 shows the thermal performance of three thin-sheet thermal-interface materials (silicone, graphite/oil, floroether oil), a bare joint, and a joint with thermal grease as a function of contact pressure. As shown, the performance of these thermal interface materials improves with increasing contact pressure. The use of thermal grease significantly reduces the interface thermal resistance. The bare joint results in a thermal resistance approximately six times greater than the thermal grease joint. Heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board (see Figure 40). Therefore, the synthetic grease offers the best thermal performance, especially at the low interface pressure. When removing the heat sink for re-work, it is preferable to slide the heat sink off slowly until the thermal interface material loses its grip. If the support fixture around the package prevents sliding off the heat sink, External Resistance External Resistance Internal Resistance Radiation Convection Radiation Convection Heat Sink Printed-Circuit Board Thermal Interface Material Package/Leads Die Junction Die/Package (Note the internal versus external package resistance) |