công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

34844 bảng dữ liệu(PDF) 30 Page - Freescale Semiconductor, Inc

tên linh kiện 34844
Giải thích chi tiết về linh kiện  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 bảng dữ liệu(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
34844
TYPICAL APPLICATIONS
LAYOUT GUIDELINES
LAYOUT GUIDELINES
RECOMMENDED STACK-UP
Table 9 shows the recommended layer stack-up for the signals to have good shielding and Thermal Dissipation.
DECOUPLING CAPS
It is recommended to place decoupling caps of 100 pf at the beginning and at the end of any power signal traces to filter high frequency
noise. Decoupling caps of 100 pf should also be placed at the end of any long trace to cancel antenna effects. These caps should be
located as closed as possible to the point to be decoupled and the connection to GND should be as short as possible.
SM-BUS/I2C COMMUNICATION AND CLOCK SIGNALS (SDA, SCK AND CK)
To avoid contamination of these signals by nearby high power or high frequency signals, it is a good practice to shield them with ground
planes placed on adjacent layers. Make sure the ground plane is uniform through the whole signal trace length.
Figure 12. Recommended shielding for critical signals.
These signals should not run parallel to power signals or other clock signals in the same routing layer. If they have to cross or to be
routed close to a power signal, it is a good practice to trace them perpendicularly or at 45° on a different layer to avoid coupling noise.
SWITCHING NODE (SWA & SWB)
The components associated to this node must be placed as close as possible to each other to keep the switching loop small enough
so it does not contaminate other signals. However, care must be taken to ensure the copper traces used to connect these components
together on this node, and are capable of handling the necessary current and voltage.
As a reference, a 10 mils trace with a thickness of 1.0 oz. of copper is capable of handling one ampere.
Traces for connecting the inductor, input and output caps should be as wide and short as possible to avoid adding inductance or
resistance to the loop. The placement of these components should be selected far away from sensitive signals like compensation,
feedback, and internal regulators to avoid power noise coupling.
COMPENSATION COMPONENTS
Components related with COMP pin need to be placed as close as possible to the pin.
FEEDBACK SIGNAL
The trace of the feedback signal (VOUT) should be routed perpendicularly or at 45° on a different layer to avoid coupling noise,
preferably between ground or power planes.
Table 9. Layer Stacking Recommendations
Stack-Up
Layer 1 (Top)
Signal
Layer 2 (Inner 1)
Ground
Layer 3(Inner 2)
Signal
Layer 4 (Bottom)
Ground
Signal
Ground Plane
Ground Planes
Signal
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com