| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8248CVRT bảng dữ liệu(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8248CVRT bảng dữ liệu(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 28 Freescale Semiconductor Clock Configuration Modes 1010_010 75.0 100.0 2 150.0 200.0 3 225.0 300.0 3 50.0 66.7 1010_011 75.0 100.0 2 150.0 200.0 3.5 262.5 350.0 3 50.0 66.7 1010_100 75.0 100.0 2 150.0 200.0 4 300.0 400.0 3 50.0 66.7 1010_101 100.0 133.3 2 200.0 266.6 2.5 250.0 333.3 4 50.0 66.7 1010_110 100.0 133.3 2 200.0 266.6 3 300.0 400.0 4 50.0 66.7 1010_111 100.0 133.3 2 200.0 266.6 3.5 350.0 466.6 4 50.0 66.7 1011_000 Reserved 1011_001 80.0 106.7 2.5 200.0 266.6 2.5 200.0 266.6 4 50.0 66.7 1011_010 80.0 106.7 2.5 200.0 266.6 3 240.0 320.0 4 50.0 66.7 1011_011 80.0 106.7 2.5 200.0 266.6 3.5 280.0 373.3 4 50.0 66.7 1011_100 80.0 106.7 2.5 200.0 266.6 4 320.0 426.6 4 50.0 66.7 1011_101 80.0 106.7 2.5 200.0 266.6 4.5 360.0 480.0 4 50.0 66.7 1101_000 100.0 133.3 2.5 250.0 333.3 3 300.0 400.0 5 50.0 66.7 1101_001 100.0 133.3 2.5 250.0 333.3 3.5 350.0 466.6 5 50.0 66.7 1101_010 100.0 133.3 2.5 250.0 333.3 4 400.0 533.3 5 50.0 66.7 1101_011 100.0 133.3 2.5 250.0 333.3 4.5 450.0 599.9 5 50.0 66.7 1101_100 100.0 133.3 2.5 250.0 333.3 5 500.0 666.6 5 50.0 66.7 1101_101 125.0 166.7 2 250.0 333.3 3 375.0 500.0 5 50.0 66.7 1101_110 125.0 166.7 2 250.0 333.3 4 500.0 666.6 5 50.0 66.7 1110_000 100.0 133.3 3 300.0 400.0 3.5 350.0 466.6 6 50.0 66.7 1110_001 100.0 133.3 3 300.0 400.0 4 400.0 533.3 6 50.0 66.7 1110_010 100.0 133.3 3 300.0 400.0 4.5 450.0 599.9 6 50.0 66.7 1110_011 100.0 133.3 3 300.0 400.0 5 500.0 666.6 6 50.0 66.7 1110_100 100.0 133.3 3 300.0 400.0 5.5 550.0 733.3 6 50.0 66.7 Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2 (continued) Mode 3 Bus Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) PCI Division Factor PCI Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |