| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8247VRM bảng dữ liệu(PDF) 26 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8247VRM bảng dữ liệu(HTML) 26 Page - Freescale Semiconductor, Inc |
|
26 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 26 Freescale Semiconductor Clock Configuration Modes 0010_011 50.0 66.7 4 200.0 266.6 8 400.0 533.3 4 50.0 66.7 0010_100 75.0 100.0 4 300.0 400.0 5 375.0 500.0 6 50.0 66.7 0010_101 75.0 100.0 4 300.0 400.0 5.5 412.5 549.9 6 50.0 66.7 0010_110 75.0 100.0 4 300.0 400.0 6 450.0 599.9 6 50.0 66.7 0011_000 50.0 66.7 5 250.0 333.3 5 250.0 333.3 5 50.0 66.7 0011_001 50.0 66.7 5 250.0 333.3 6 300.0 400.0 5 50.0 66.7 0011_010 50.0 66.7 5 250.0 333.3 7 350.0 466.6 5 50.0 66.7 0011_011 50.0 66.7 5 250.0 333.3 8 400.0 533.3 5 50.0 66.7 0100_000 Reserved 0100_001 50.0 66.7 6 300.0 400.0 6 300.0 400.0 6 50.0 66.7 0100_010 50.0 66.7 6 300.0 400.0 7 350.0 466.6 6 50.0 66.7 0100_011 50.0 66.7 6 300.0 400.0 8 400.0 533.3 6 50.0 66.7 0101_000 60.0 66.7 2 120.0 133.3 2.5 150.0 166.7 2 60.0 66.7 0101_001 50.0 66.7 2 100.0 133.3 3 150.0 200.0 2 50.0 66.7 0101_010 50.0 66.7 2 100.0 133.3 3.5 175.0 233.3 2 50.0 66.7 0101_011 50.0 66.7 2 100.0 133.3 4 200.0 266.6 2 50.0 66.7 0101_100 50.0 66.7 2 100.0 133.3 4.5 225.0 300.0 2 50.0 66.7 0101_101 83.3 111.1 3 250.0 333.3 3.5 291.7 388.9 5 50.0 66.7 0101_110 83.3 111.1 3 250.0 333.3 4 333.3 444.4 5 50.0 66.7 0101_111 83.3 111.1 3 250.0 333.3 4.5 375.0 500.0 5 50.0 66.7 0110_000 60.0 80.0 2.5 150.0 200.0 2.5 150.0 200.0 3 50.0 66.7 0110_001 60.0 80.0 2.5 150.0 200.0 3 180.0 240.0 3 50.0 66.7 0110_010 60.0 80.0 2.5 150.0 200.0 3.5 210.0 280.0 3 50.0 66.7 0110_011 60.0 80.0 2.5 150.0 200.0 4 240.0 320.0 3 50.0 66.7 Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2 (continued) Mode 3 Bus Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) PCI Division Factor PCI Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |