công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8247VRI bảng dữ liệu(PDF) 56 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8247VRI
Giải thích chi tiết về linh kiện  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247VRI bảng dữ liệu(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8247VRI Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
56
Freescale Semiconductor
Ordering Information
10 Ordering Information
Figure 15 provides an example of the Freescale part numbering nomenclature for the MPC8272. In
addition to the processor frequency, the part numbering scheme also consists of a part modifier that
indicates any enhancement(s) in the part from the original production design. Each part number also
contains a revision code that refers to the die mask revision number and is specified in the part numbering
scheme for identification purposes only. For more information, contact a local Freescale sales office.
Figure 15. Freescale Part Number Key
Product Code
Device Number
Package
Die Revision Level
MPC 82XX C VR XXX X
Temperature Range
Blank = 0 to 105 °C
C = -40 to 105 °C
ZQ = 516 PBGA (lead spheres)
VR = 516 PBGA (no lead spheres)
B = 66
E = 100
I = 200
M = 266
P = 300
T = 400
CPU/CPM/Bus Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60