| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8248CVRI bảng dữ liệu(PDF) 42 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8248CVRI bảng dữ liệu(HTML) 42 Page - Freescale Semiconductor, Inc |
|
42 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 42 Freescale Semiconductor Pinout Figure 12. Pinout of the 516 PBGA Package (View from Top) Table 20 shows the pinout of the MPC8272. Note that the pins in the ‘MPC8272/8271 only” column relate to Utopia functionality. Table 20. Pinout Pin Name Ball MPC8272/MPC8248 and MPC8271/MPC8247 MPC8272/MPC8271 only BR A19 BG/IRQ6 D2 ABB/IRQ2 C1 TS D1 1 2 3 4 5 6 7 8 910 11 121314 1516 17 18 19 20 21 22 23 24 25 26 Not to Scale 1 2 3 4 5 6 7 8 910 11 121314 1516 17 18 1920 21 22 232425 26 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF |