| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8540CPX833JB bảng dữ liệu(PDF) 56 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540CPX833JB bảng dữ liệu(HTML) 56 Page - Freescale Semiconductor, Inc |
|
56 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 56 Freescale Semiconductor RapidIO Figure 34 shows the DC driver signal levels. Figure 34. DC Driver Signal Levels 13.2 RapidIO AC Electrical Specifications This section contains the AC electrical specifications for a RapidIO 8/16 LP-LVDS device. The interface defined is a parallel differential low-power high-speed signal interface. Note that the source of the transmit clock on the RapidIO interface is dependent on the settings of the LGPL[0:1] signals at reset. Note that the default setting makes the core complex bus (CCB) clock the source of the transmit clock. See Chapter 4 of the Reference Manual for more details on reset configuration settings. 13.3 RapidIO Concepts and Definitions This section specifies signals using differential voltages. Figure 35 shows how the signals are defined. The figure shows waveforms for either a transmitter output (TD and TD) or a receiver input (RD and RD). Each signal swings between A volts and B volts where A > B. Using these waveforms, the definitions are as follows: • The transmitter output and receiver input signals TD, TD, RD, and RD each have a peak-to-peak swing of A-B volts. • The differential output signal of the transmitter, VOD, is defined as VTD – VTD. • The differential input signal of the receiver, VID, is defined as VRD – VRD. • The differential output signal of the transmitter or input signal of the receiver, ranges from A – B volts to – (A – B) volts. • The peak differential signal of the transmitter output or receiver input, is A – B volts. VOA VOB RTERM 100 Ω (no m) VVOD = VOA – VOB ΔV OS VOHCM VOLCM VOSCM = (VOA + VOB)/2 –V + ΔV OD V VOD = VOA – VOB –V – ΔV OD –V 0 1.375 V 1.125 V 454 mV 247 mV –247 mV –454 mV VOLD Common-Mode Specifications (c) Differential Specifications (b) (a) Note: VOA refers to voltage at output A; VOB refers to voltage at output B. VOHD |