công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280 bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8280
Giải thích chi tiết về linh kiện  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
33
Clock Configuration Modes
0100_011
25.0
50.0
6
150.0 300.0
8
200.0 400.0
6
25.0 50.0
0101_000
60.0
100.0
2
120.0 200.0
2.5
150.0 250.0
4
30.0 50.0
0101_001
50.0
100.0
2
100.0 200.0
3
150.0 300.0
4
25.0 50.0
0101_010
50.0
100.0
2
100.0 200.0
3.5
175.0 350.0
4
25.0 50.0
0101_011
50.0
100.0
2
100.0 200.0
4
200.0 400.0
4
25.0 50.0
0101_100
50.0
100.0
2
100.0 200.0
4.5
225.0 450.0
4
25.0 50.0
0110_000
60.0
120.0
2.5
150.0 300.0
2.5
150.0 300.0
6
25.0 50.0
0110_001
60.0
120.0
2.5
150.0 300.0
3
180.0 360.0
6
25.0 50.0
0110_010
60.0
120.0
2.5
150.0 300.0
3.5
210.0 420.0
6
25.0 50.0
0110_011
60.0
120.0
2.5
150.0 300.0
4
240.0 480.0
6
25.0 50.0
0110_100
60.0
120.0
2.5
150.0 300.0
4.5
270.0 540.0
6
25.0 50.0
0110_101
60.0
120.0
2.5
150.0 300.0
5
300.0 600.0
6
25.0 50.0
0110_110
60.0
120.0
2.5
150.0 300.0
6
360.0 720.0
6
25.0 50.0
0111_000
Reserved
0111_001
50.0
100.0
3
150.0 300.0
3
150.0 300.0
6
25.0 50.0
0111_010
50.0
100.0
3
150.0 300.0
3.5
175.0 350.0
6
25.0 50.0
0111_011
50.0
100.0
3
150.0 300.0
4
200.0 400.0
6
25.0 50.0
0111_100
50.0
100.0
3
150.0 300.0
4.5
225.0 450.0
6
25.0 50.0
1000_000
Reserved
1000_001
66.7
133.3
3
200.0 400.0
3
200.0 400.0
8
25.0 50.0
1000_010
66.7
133.3
3
200.0 400.0
3.5
233.3 466.7
8
25.0 50.0
1000_011
66.7
133.3
3
200.0 400.0
4
266.7 533.3
8
25.0 50.0
1000_100
66.7
133.3
3
200.0 400.0
4.5
300.0 600.0
8
25.0 50.0
1000_101
66.7
133.3
3
200.0 400.0
6
400.0 800.0
8
25.0 50.0
1000_110
66.7
133.3
3
200.0 400.0
6.5
433.3 866.7
8
25.0 50.0
1001_000
Reserved
1001_001
Reserved
Table 18. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2 (continued)
Mode 3
Bus Clock 4
(MHz)
CPM
Multiplication
Factor 5
CPM Clock
(MHz)
CPU
Multiplication
Factor 6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80