| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5554MZP132 bảng dữ liệu(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5554MZP132 bảng dữ liệu(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 50 page ![]() MPC5554 Microcontroller Data Sheet, Rev. 1.4 Electrical Characteristics Freescale Semiconductor 38 3.13.7 eMIOS (MTS) Timing 3.13.8 DSPI Timing Table 25. MTS Timing1 1 MTS timing specified at F SYS = 132MHz, VDD = 1.35V to 1.65V, VDDEH = 3.0V to 5.5V, VDD33 and VDDSYN = 3.0V to 3.6V, TA = TL to TH, and CL = 50pF with SRC = 0b11. Num Characteristic Symbol Min Max Unit 1 eMIOS (MTS) Input Pulse Width tMIPW 4— tCYC 2 eMIOS (MTS) Output Pulse Width tMOPW 1— tCYC Table 26. DSPI Timing1 Num Characteristic Symbol 80 MHz 112 MHz 132 MHz Unit Min Max Min Max Min Max 1 SCK Cycle TIme2,3 tSCK 25ns 2.9ms 17.9ns 2.0ms 15.2ns 1.7ms — 2 PCS to SCK Delay4 tCSC 23 — 15 — 13 — ns 3 After SCK Delay5 tASC 22 — 14 — 12 — ns 4 SCK Duty Cycle tSDC tSCK/2 –2ns tSCK/2 + 2ns —— — — ns 5 Slave Access Time (SS active to SOUT driven) tA — 25 — 25 — 25 ns 6 Slave SOUT Disable Time (SS inactive to SOUT High-Z or invalid) tDIS — 25 — 25 — 25 ns 7 PCSx to PCSS time tPCSC 4— 4— 4 — ns 8PCSS to PCSx time tPASC 5— 5— 5 — ns 9 Data Setup Time for Inputs Master (MTFE = 0) Slave Master (MTFE = 1, CPHA = 0)6 Master (MTFE = 1, CPHA = 1) tSUI 20 2 –4 20 — — — — 20 2 3 20 — — — — 20 2 6 20 — — — — ns ns ns ns 10 Data Hold Time for Inputs Master (MTFE = 0) Slave Master (MTFE = 1, CPHA = 0)6 Master (MTFE = 1, CPHA = 1) tHI –4 7 21 –4 — — — — –4 7 14 –4 — — — — –4 7 12 –4 — — — — ns ns ns ns |