| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC859DSLCZP66A bảng dữ liệu(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC859DSLCZP66A bảng dữ liệu(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 48 Freescale Semiconductor CPM Electrical Characteristics Figure 40. Boundary Scan (JTAG) Timing Diagram 12 CPM Electrical Characteristics This section provides the AC and DC electrical specifications for the communications processor module (CPM) of the MPC866/859. 12.1 PIP/PIO AC Electrical Specifications Table 16 shows the PIP/PIO AC timings as shown in Figure 41 through Figure 45. Table 16. PIP/PIO Timing Num Characteristic All Frequencies Unit Min Max 21 Data-in setup time to STBI low 0 — ns 22 Data-In hold time to STBI high 2.5 – t3 1 1 t3 = Specification 23 —clk 23 STBI pulse width 1.5 — clk 24 STBO pulse width 1 clk – 5ns — ns 25 Data-out setup time to STBO low 2 — clk 26 Data-out hold time from STBO high 5 — clk 27 STBI low to STBO low (Rx interlock) — 2 clk 28 STBI low to STBO high (Tx interlock) 2 — clk 29 Data-in setup time to clock high 15 — ns 30 Data-in hold time from clock high 7.5 — ns 31 Clock low to data-out valid (CPU writes data, control, or direction) — 25 ns TCK Output Signals Output Signals Output Signals J92 J94 J93 J95 J96 |