| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC866TZP133A bảng dữ liệu(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC866TZP133A bảng dữ liệu(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 Freescale Semiconductor 27 Bus Signal Timing Figure 10 shows normal case timing for input data. It also applies to normal read accesses under the control of the UPM in the memory controller. Figure 10. Input Data Timing in Normal Case Figure 11 shows the timing for the input data controlled by the UPM for data beats where DLT3 = 1 in the UPM RAM words. (This is only the case where data is latched on the falling edge of CLKOUT.) Figure 11. Input Data Timing when Controlled by UPM in the Memory Controller and DLT3 = 1 CLKOUT TA D[0:31], DP[0:3] B16 B17 B19 B18 CLKOUT TA D[0:31], DP[0:3] B20 B21 |