| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC866PZP133A bảng dữ liệu(PDF) 86 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC866PZP133A bảng dữ liệu(HTML) 86 Page - Freescale Semiconductor, Inc |
|
86 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 86 Freescale Semiconductor Mechanical Data and Ordering Information PA5 CLK3 L1TCLKA BRGO2 TIN2 N18 Bidirectional PA4 CLK4 TOUT2 P19 Bidirectional PA3 CLK5 BRGO3 TIN3 P17 Bidirectional PA2 CLK6 TOUT3 L1RCLKB R18 Bidirectional PA1 CLK7 BRGO4 TIN4 T19 Bidirectional PA0 CLK8 TOUT4 L1TCLKB U19 Bidirectional PB31 SPISEL REJECT1 C17 Bidirectional (Optional: Open-drain) PB30 SPICLK RSTRT2 C19 Bidirectional (Optional: Open-drain) PB29 SPIMOSI E16 Bidirectional (Optional: Open-drain) PB28 SPIMISO BRGO4 D19 Bidirectional (Optional: Open-drain) PB27 I2CSDA BRGO1 E19 Bidirectional (Optional: Open-drain) PB26 I2CSCL BRGO2 F19 Bidirectional (Optional: Open-drain) Table 39. Pin Assignments (continued) Name Pin Number Type |