| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC880ZP66 bảng dữ liệu(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC880ZP66 bảng dữ liệu(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 92 page ![]() MPC885/MPC880 Hardware Specifications, Rev. 3 49 Freescale Semiconductor CPM Electrical Characteristics Figure 46 shows the port C interrupt detection timing. Figure 46. Port C Interrupt Detection Timing 12.3 IDMA Controller AC Electrical Specifications Table 18 provides the IDMA controller timings as shown in Figure 47 to Figure 50. Figure 47. IDMA External Requests Timing Diagram Table 18. IDMA Controller Timing Num Characteristic All Frequencies Unit Min Max 40 DREQ setup time to clock high 7 — ns 41 DREQ hold time from clock high 1 1 Applies to high-to-low mode (EDM=1) TBD — ns 42 SDACK assertion delay from clock high — 12 ns 43 SDACK negation delay from clock low — 12 ns 44 SDACK negation delay from TA low — 20 ns 45 SDACK negation delay from clock high — 15 ns 46 TA assertion to falling edge of the clock setup time (applies to external TA)7 — ns Port C 35 36 (Input) 41 40 DREQ (Input) CLKO (Output) |