| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMA6262Q bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA6262Q bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 11 page ![]() MMA6260Q Sensors Freescale Semiconductor 7 MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the surface mount packages must be the correct size to ensure proper solder connection interface between the board and the package. With the correct footprint, the packages will self-align when subjected to a solder reflow process. It is always recommended to design boards with a solder mask layer to avoid bridging and shorting between solder pads. Solder areas Pin 1 ID (non metallic) 9 12 4.25 6.0 14 1.00 0.55 Flag Non-Solder areas |