| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SE2595L-R bảng dữ liệu(PDF) 15 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
SE2595L-R bảng dữ liệu(HTML) 15 Page - Skyworks Solutions Inc. |
|
15 / 18 page ![]() DATA SHEET SE2595L Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com 202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice 15 January 16, 2023 Figure 6. SE2595L Recommended Land and Solder Pattern Package and Handling Information Since the device package is sensitive to moisture absorption, it is baked and vacuum packed before shipping. Instructions on the shipping container label regarding exposure to moisture after the container seal is broken must be followed. Otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. The SKY85500-11 is rated to Moisture Sensitivity Level 3 (MSL3) at 260 °C. It can be used for lead or lead-free sol- dering. For additional information, refer to the Skyworks Application Note, Solder Reflow Information, document number 200164. Care must be taken when attaching this product, whether it is done manually or in a production solder reflow environment. Production quantities of this product are shipped in a standard tape and reel format. |