| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PUMB11 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PUMB11 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 8 page ![]() 2000 Aug 08 2 Philips Semiconductors Product specification PNP resistor-equipped double transistor PUMB11 FEATURES • Transistors with built-in bias resistors R1 and R2 (typ. 10 k Ω each) • No mutual interference between the transistors • Simplification of circuit design • Reduces number of components and board space. APPLICATIONS • Especially suitable for space reduction in interface and driver circuits • Inverter circuit configurations without use of external resistors. DESCRIPTION PNP resistor-equipped double transistor in an SC-88 (SOT363) plastic package. MARKING PINNING TYPE NUMBER MARKING CODE PUMB11 Bt1 PIN DESCRIPTION 1 and 4 emitter TR1; TR2 2 and 5 base TR1; TR2 6 and 3 collector TR1; TR2 Fig.1 Simplified outline (SC-88) and symbol. handbook, halfpage MAM426 65 4 12 3 R2 TR1 TR2 R1 R1 R2 13 2 4 5 6 Top view Fig.2 Equivalent inverter symbol. MBK120 2, 5 6, 3 1, 4 |