công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CCCX22 bảng dữ liệu(PDF) 44 Page - Greenlee Communications

tên linh kiện CCCX22
Giải thích chi tiết về linh kiện  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLEE [Greenlee Communications]
Trang chủ  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

CCCX22 bảng dữ liệu(HTML) 44 Page - Greenlee Communications

Back Button CCCX22 Datasheet HTML 40Page - Greenlee Communications CCCX22 Datasheet HTML 41Page - Greenlee Communications CCCX22 Datasheet HTML 42Page - Greenlee Communications CCCX22 Datasheet HTML 43Page - Greenlee Communications CCCX22 Datasheet HTML 44Page - Greenlee Communications CCCX22 Datasheet HTML 45Page - Greenlee Communications CCCX22 Datasheet HTML 46Page - Greenlee Communications CCCX22 Datasheet HTML 47Page - Greenlee Communications CCCX22 Datasheet HTML 48Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
184
Kwik Cycle™ 9
INTERCHANGEABLE DIE SETS FOR INSULATED AND NON-INSULATED TERMINALS
CAT./UPC NO.
CONNECTION
DESCRIPTION
22-10 AWG
Color coded nests for easy identification
Standard insulated terminals, ring tongue, spade lug, slide on and butt splices
22-10 AWG
Color coded nests for easy identification
For fully insulated slide on style connectors
AMP Ultrafast™ style
26-16 AWG
For mini insulated terminals with smaller wire barrels
Ring tongue, spade, slide on and butt splices
22-10 AWG
For non-insulated terminals and splices
TOOL W/ DIE 45500
DIE ONLY 45509
TOOL W/ DIE 45501
DIE ONLY 45570
TOOL W/ DIE 45505
DIE ONLY 45507
DIE ONLY 45565
CAT. NO.
UPC NO.
DESCRIPTION
EK21011
02024
1.5-Ton Battery-Powered Crimping Tool
w/120 volt charger
EK21012
02025
1.5-Ton Battery-Powered Crimping Tool
w/12 volt charger
EK21022
02026
1.5-Ton Battery-Powered Crimping Tool
w/230 volt charger
Gator-Plus™ Terminal Crimping Tool
• Totally new hydraulic pump design results in an extremely compact battery-
powered crimping tool for crimping terminals and DSV connectors.
• Linear crimping action results in a completely symmetric crimp.
• Special compact 9.6 volt Ni-Cd battery reduces weight and size.
• Slim profile and light weight provide for one hand operation.
• Can complete approximately 150 crimps per battery charge.
• Ram can be retracted in mid-cycle to adjust connector.
• Crimping head rotates 360º.
• Uses all Kwik Cycle 9 Crimping Dies (see below) and on pages 206 and 207.
• Two batteries, battery charger, and carrying case included.
• Choice of 120 volt, 230 volt, or 12 volt battery charger.
SPECIFICATIONS
Capacity Uses Kwik Cycle 9 Die Sets
Crimping Force
2,900 lb. (13 kN)
Length
13-1/4" (337 mm)
Width
3-1/8" (79 mm)
Weight
2-3/4 lb (1.3 kg)
Crimp Cycle Time
~2 seconds
Battery
9.6 volt 1.3 Ah Ni-Cd battery
Battery Charge Time 1 hour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com