| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CCCX11 bảng dữ liệu(PDF) 30 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
CCCX11 bảng dữ liệu(HTML) 30 Page - Greenlee Communications |
|
30 / 50 page ![]() USA Tel: 800-435-0786 Canada Tel: 800-435-0786 International Tel: +1-815-397-7070 Fax: 800-451-2632 Fax: 800-524-2853 Fax: +1-815-397-9247 greenlee.com 170 6-TON CRIMPING KITS* CAT. NO. UPC NO. DESCRIPTION K22S1GL 03078 Die Kit for #8-600 Copper Connectors – Includes all copper die sets listed below and carrying case KD06AL 01631 Die Kit for #8-350 Aluminum Connectors – Includes all die sets listed below and carrying case DIES FOR CRIMPING COLOR-CODED COPPER & ALUMINUM LUGS & SPLICES* (Require UA22 adapter when used with ECCX, CCCX, HCCX, & RCCX tools) 22 SERIES CRIMPING DIES ALUMINUM COPPER CABLE SIZE CAT. NO. UPC NO. COLOR CAT. NO. UPC NO. COLOR 8 AWG KA22-8 06744 Blue K22-0 03079 Red 6 AWG KA22-6 06745 Gray K22-1 03080 Blue 4 AWG KA22-4 06746 Green K22-2 03081 Gray 2 AWG KA22-2 06747 Pink K22-3 03082 Brown 1 AWG KA22-1 06749 Gold K22-31 03083 Green 1/0 AWG KA22-1/0 06750 Tan K22-4 03084 Pink 2/0 AWG KA22-2/0 06751 Olive K22-5 03085 Black 3/0 AWG KA22-3/0 06752 Ruby K22-6 03086 Orange 4/0 AWG KA22-4/0 06753 White K22-7 03087 Purple 250 kcmil (MCM) KA22-250 06754 Red K22-8 03088 Yellow 300 kcmil (MCM) KA22-300 06755 Blue K22-9 03089 White 350 kcmil (MCM) KA22-350 06756 Brown K22-10 03090 Red 400 kcmil (MCM) — — — K22-11 03091 Blue 500 kcmil (MCM) — — — K22-12 03092 Brown 600 kcmil (MCM) — — — K22-13 03093 Green DIES FOR USE WITH SERVICE ENTRANCE CONNECTORS, C-TAPS, H-TAPS, OVERHEAD AND UNDERGROUND CONNECTORS (Require UAW adapter when used with ECCX, CCCX, HCCX, & RCCX tools) “W”-STYLE DIES CAT. NO. UPC NO. BURNDY NO. CAT. NO. UPC NO. BURNDY NO. KD6-10 10165 W-BG KD6-19 10174 W-243 KD6-11 10166 W-O KD6-20 10175 W-247 KD6-12 10167 W-C KD6-21 10176 W-249 KD6-14 10169 W-161 KD6-22 10177 W-164 KD6-15 10170 W-162 KD6-24 10179 W-237 KD6-16 10171 W-163 KD6-25 10180 W-239 KD6-18 10173 W-166 KD6-27 10182 W-28K *Note: Connections are UL classified for copper and aluminum, CSA certified for copper and ULC classified for aluminum when used with Greenlee tools on Anderson ®, Blackburn®,FCI Burndy ®, ILSCO®, Panduit®, Thomas & Betts® and Penn-Union® color-coded lugs and splices. Crimping Dies for 6-Ton Tools All dies on this page for use with ECCX, EK22GL, CCCX, CK22GL, HCCX, and RCCX tools. |