| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6MM11 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
6MM11 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 32 page ![]() cycles and other application related details. To locate your nearest Utica Service Center for calibration, simply visit our website at www.uticatools.com. Rapid Select Means Fast Delivery Models indicated with the Rapid Select icon represent our most popular tools, and are available for fast delivery in limited quantities. Ordering Information Utica products are distributed world-wide. To locate your nearest Utica distributor, visit our website at www.uticatools.com or contact us at (937) 222-7871 or fax (937) 228-0422. What Is Torque? The concept of torque is a mystery for many people. Ask a group of people to define torque and you’ll probably receive a variety of answers. Open a dictionary to the definition of torque and you’ll be greeted with terms such as torsion, axis, and vector. However, if the definition of torque is boiled down to layman’s terms, it is the measurement of a turning or twisting force. A simple example is the force required to turn the head of a bolt on an automobile chassis. Most tool boxes would include some of the most common tools used to apply torque, such as screwdrivers, wrenches, and impact tools. When torque is applied to the head of a bolt during a fasten- ing process, there are actually two main forces at work. First, we are applying a force - torque to the bolt head to tighten it. The second force at work is the ten- sion or stretch created that runs the length of the bolt. These two forces are closely related. The more torque applied to the bolt head, the more tension or “stretch” is applied to the length of the bolt. Why Is Torque Important? When we apply torque to fasteners such as bolts and screws, we are actually clamping parts together. The amount of torque applied determines how well the fastener does its job in the long run. If we apply too little torque, the fastener can vibrate and eventually loosen. On the other hand, if we apply too much torque, the fastener will over stress and can break or strip the threads. Either way, the fastener doesn’t do what its suppose to do – hold something together. The objective is to apply enough torque to a fastener, creating tension that is greater than any external force trying to separate it. How Is Torque Measured? Torque is measured by multiplying the amount of force applied by the distance from the point we are turning. For instance, if we are turning a bolt and apply 5 lbs. of force at the end of a wrench measuring 1 ft., the torque would equal 5 ft. lbs. This doesn’t tell us what the optimal torque is for the fastener, but it does allow us to quantify the amount of torque we are applying to a fastener. What Is The Correct Torque Level For A Fastener? When an engineer calculates the correct torque level for a fastener, several issues must be addressed. The first issue is the maximum load that the fastener will experience. Second is the strength of the material that the fastener will clamp. Third is whether the joint is hard or soft. The fourth issue is the nature of the external force acting on the joint, such as vibration, pulling, or twisting. Through statistical analysis, an engineer can determine the optimal level of torque that should be applied to a joint for maximum performance. Force Torque Clamping Force Tension In Bolt 5 5 lbs. of Force @ 12”= 5 ft.lbs 10 lbs. of Force @ 6”= 5 ft.lbs |