công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD20NF06L bảng dữ liệu(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

tên linh kiện STD20NF06L
Giải thích chi tiết về linh kiện  60V N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Trang chủ  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

STD20NF06L bảng dữ liệu(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  STD20NF06L Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED STD20NF06L Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED STD20NF06L Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED STD20NF06L Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED STD20NF06L Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED STD20NF06L Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics(TJ=25℃ unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,IDS=250uA
60
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=60V,VGS=0V
-
-
1
uA
Gate-Body Leakage
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
ON CHARACTERISTICS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Gate Threshold Voltage
VGS(TH)
VDS=VGS,IDS=250uA
1.0
1.6
2.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V,IDS=15A
-
25
35
m
Ω
VGS=4.5V,IDS=10A
-
30
40
m
Ω
DYNAMIC CHARACTERISTICS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Capacitance
CiSS
VDS =25V, VGS = 0V,
f=1MHz
-
1562
-
pF
Output Capacitance
COSS
-
75.4
-
Reverse Transfer Capacitance
Crss
-
66.8
-
SWITCHING CHARACTERISTICS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Turn-On Delay Time
Td(on)
VGS=10V,VDs=30V,
RGEN=1.8Ω
ID=15A
-
7.5
-
ns
Rise Time
tr
-
21
-
Turn-Off Delay Time
Td(off)
-
16
-
Fall Time
tf
-
23.5
-
Total Gate Charge at 10V
Qg
VDS=30V,IDS=15A,
VGS=10V
-
25
-
nC
Gate to Source Gate Charge
Qgs
-
4.5
-
Gate to Drain“Miller”Charge
Qgd
-
6.5
-
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Drain-Source Diode Forward Voltage
VSD
VGS=0V,IDS=15A
-
-
1.2
V
Reverse Recovery Time
trr
TJ=25℃,IF=15A
di/dt=100A/us
-
29
-
nS
Reverse Recovery Charge
Qrr
-
45
-
nC
Notes:
1: Repetitive rating, pulse width limited by maximum junction temperature.
2: Surface mounted on FR4 Board, t≤10sec.
3: Pulse width ≤ 300μs, duty cycle ≤ 2%.
4: EAS condition: L=0.5mH,VDD=30V,VG=10V,VGATE=60V,Start TJ=25℃.
Rev:2023A2
2
STD20NF06L



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com