công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A5M20TG042T1 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện A5M20TG042T1
Giải thích chi tiết về linh kiện  Airfast Power Amplifier Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5M20TG042T1 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  A5M20TG042T1 Datasheet HTML 1Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 2Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 3Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 4Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 5Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 6Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 7Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 8Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NXP Semiconductors
A5M20TG042
Airfast Power Amplifier Module
A5M20TG042
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2024
5 / 21
9 Lifetime
Table 6. Lifetime
Characteristic
Symbol
Value
Unit
Mean time to failure
(Case temperature 125°C, 16 W Avg., VD1 + VD2 = 28 Vdc, VD3A = VD3B = 45 Vdc)
MTTF
> 10
Years
10 Thermal characteristics
Table 7. Thermal characteristics
Characteristic
Symbol
Value
Unit
Thermal resistance by infrared measurement, active die surface-to-case
(Case temperature 115°C, PD = 22.7 W)
RθSC (IR)
1.9[1]
°C/W
Thermal resistance by finite element analysis, channel-to-case
(Case temperature 125°C, PD = 22.7 W)
RθCHC
(FEA)
3.4[2]
°C/W
[1] Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to https://www.nxp.com/RF and search
for AN1955. High conductivity thermal interface used.
[2] RθCHC (FEA) must be used for purposes related to reliability and limitations on maximum channel temperature. MTTF may be
estimated by the expression MTTF (hours) = 10[A + B/(T + 273)], where T is the channel temperature in degrees Celsius,
A = –11.6 and B = 9129.
11 ESD protection characteristics
Table 8. ESD protection characteristics
Test methodology
Class
Human Body Model (per JS-001-2023)
1B
Charge Device Model (per JS-002-2022)
C2a
12 Moisture sensitivity level
Table 9. Moisture sensitivity level
Test methodology
Rating
Package peak temperature
Unit
Per JESD22−A113, IPC/JEDEC J-STD-020
3
250
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com