công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC711P2CFS3 bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC711P2CFS3
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC711P2CFS3 bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC68HC711P2CFS3 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC711P2CFS3 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC711P2CFS3 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC711P2CFS3 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC711P2CFS3 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC711P2CFS3 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC711P2CFS3 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC711P2CFS3 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC711P2CFS3 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 268 page
background image
MC68HC11P2 — Rev 1.0
Technical Data
Pin Descriptions
Technical Data — MC68HC11P2
Section 2. Pin Descriptions
2.1 Contents
2.2
Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
2.3
VDD and VSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
2.4
RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
2.5
Crystal driver and external clock input (XTAL, EXTAL) . . . 24
2.6
E clock output (E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
2.7
Phase-locked loop (XFC, VDDSYN) . . . . . . . . . . . . . . . . . . . 26
2.8
Interrupt request (IRQ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
2.9
Nonmaskable interrupt (XIRQ/VPPE) . . . . . . . . . . . . . . . . . . 32
2.10
MODA and MODB (MODA/LIR and MODB/VSTBY) . . . . . . . 33
2.11
VRH and VRL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
2.12
PG7/R/W. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
2.13
Port signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
2.2 Introduction
The MC68HC11P2 is available in an 84-pin plastic-leaded chip carrier
(PLCC); the MC68HC711P2 is also available in an 84-pin windowed
cerquad package, to allow full use of the EPROM. Most pins on this MCU
serve two or more functions, as described in the following paragraphs.
Refer to Figure 2-1 which shows the pin assignments for both 84-pin
packages.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More