công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC05F32CPU bảng dữ liệu(PDF) 73 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC05F32CPU
Giải thích chi tiết về linh kiện  a member of the M68HC05 family of HCMOS
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC05F32CPU bảng dữ liệu(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MC68HC05F32CPU Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 198 page
background image
MC68HC05F32
MOTOROLA
6-15
16-BIT PROGRAMMABLE TIMER
6
Figure 6-4 Timer state timing diagram for output compare
Figure 6-5 Timer state timing diagram for timer overflow
Internal
processor clock
16-bit
counter
$F456
$F457
$F458
$F459
Internal
timer clocks
T00
T01
T11
T10
$F457
CPU writes $F457
Output compare
flag and TCMP1,2
Note:
1
The CPU write to the compare registers may take place at any time, but a compare only occurs at timer state
T01. Thus a four cycle difference may exist between the write to the compare register and the actual compare.
2
The output compare flag is set at the timer state T11 that follows the comparison match ($F457 in this example).
Output compare
register
Compare register
latch
(Note 2)
(Note 1)
(Note 1)
Internal
processor clock
16-bit
counter
$FFFF
$0000
$0001
$0002
Internal
timer clocks
T00
T01
T11
T10
Note:
The timer overflow flag is set at timer state T11 (transition of counter from $FFFF to $0000). It is cleared by
a read of the timer status register during the internal processor clock high time, followed by a read of the
counter low register.
Timer overflow
flag
TPG
67
05F32Book Page 15 Tuesday, June 8, 1999 7:55 am
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com