| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8167 bảng dữ liệu(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8167 bảng dữ liệu(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 184 page ![]() Peripheral Memory Mapped Registers 56F8367 Technical Data, Rev. 8 Freescale Semiconductor 51 Preliminary Power Supervisor LVI X:$00 F360 4-36 FM FM X:$00 F400 4-37 FlexCAN FC X:$00 F800 4-38 FlexCAN2 FC2 X:$00 FA00 4-39 Table 4-10 External Memory Integration Registers Address Map (EMI_BASE = $00 F020) Register Acronym Address Offset Register Description Reset Value CSBAR 0 $0 Chip Select Base Address Register 0 0x0004 = 64K when EXTBOOT = 0 or EMI_MODE = 0 0x0008 = 1M when EMI_MODE = 1 (Selects entire program space for SC0) CSBAR 1 $1 Chip Select Base Address Register 1 0x0004 = 64K when EMI_MODE = 0 0x0008 = 1M when EMI_MODE = 1 (Selects A0 - 19 addressable data space for CS1) CSBAR 2 $2 Chip Select Base Address Register 2 CSBAR 3 $3 Chip Select Base Address Register 3 CSBAR 4 $4 Chip Select Base Address Register 4 CSBAR 5 $5 Chip Select Base Address Register 5 CSBAR 6 $6 Chip Select Base Address Register 6 CSBAR 7 $7 Chip Select Base Address Register 7 CSOR 0 $8 Chip Select Option Register 0 0x5FCB programmed for chip select for program space, word wide, read and write, 11 waits CSOR 1 $9 Chip Select Option Register 1 0x5FAB programmed for chip select for data space, word wide, read and write, 11 waits CSOR 2 $A Chip Select Option Register 2 CSOR 3 $B Chip Select Option Register 3 CSOR 4 $C Chip Select Option Register 4 CSOR 5 $D Chip Select Option Register 5 CSOR 6 $E Chip Select Option Register 6 CSOR 7 $F Chip Select Option Register 7 CSTC 0 $10 Chip Select Timing Control Register 0 CSTC 1 $11 Chip Select Timing Control Register 1 Table 4-9 Data Memory Peripheral Base Address Map Summary (Continued) Peripheral Prefix Base Address Table Number |