công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F8347 bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện 56F8347
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8347 bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8347_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8347_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8347_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8347_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8347_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8347_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8347_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8347_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8347_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 172 page
background image
56F8347 Technical Data, Rev.11
2
Freescale Semiconductor
Preliminary
Document Revision History
Version History
Description of Change
Rev 0
Initial release
Rev 1.0
Fixed typos in Section 1.1.3, Replace any reference to Flash Interface Unit with Flash Module,
corrected pin number for D14 in Table 2-2, added note to Vcap pin in Table 2-2, corrected
thermal numbers for 160 LQFP in Table 10-4,removed unneccessary notes in Table 10-13;
corrected temperature range in Table 10-14; added ADC calibration information to Table 10-24
and new graphs in Figure 10-22.
Rev 2.0
Clarification to Table 10-23, corrected Digital Input Current Low (pull-up enabled)
numbers in Table 10-5. Removed text and Table 10-2; replaced with note to Table 10-1.
Rev 3.0
Added 56F8147 information; edited to indicate differences in 56F8347 and 56F8147.
Reformatted for Freescale look and feel. Updated Temperature Sensor and ADC tables, then
updaated balance of electrical tables for consistency throughout the family. Clarified I/O power
description in Table 2-2, added note to Table 10-7 and clarified Section 12.3.
Rev 4.0
Correcting Figure 4-1 Boot Flash Start = $02_0000
Rev 5.0
Added output voltage maximum value and note to clarify in Table 10-1; also removed overall life
expectancy note, since life expectancy is dependent on customer usage and must be
determined by reliability engineering. Clarified value and unit measure for Maximum allowed PD
in Table 10-3. Corrected note about average value for Flash Data Retention in Table 10-4.
Added new RoHS-compliant orderable part numbers in Table 13-1.
Rev 6.0
Added 160MAPBGA information, TA equation updated in Table 10-4 and additional minor edits
throughout data sheet
Rev 7.0
Updated Table 10-24 to reflect new value for maximum Uncalibrated Gain Error
Rev 8.0
Deleted formula for Max Ambient Operating Temperature (Automotive) and Max Ambient
Operating Temperature (Industrial) and corrected Flash Endurance to 10,000 in Table 10-4.
Added RoHS-compliance and “pb-free” language to back cover.
Rev 9.0
Corrected Section 6.4 title (from Operation Mode Register to Operating Mode Register).
Updated JTAG ID in Section 6.5.4. Added information/corrected state during reset in Table 2-2.
Clarified external reference crystal frequency for PLL in Table 10-14 by increasing maximum
value to 8.4MHz.
Rev 10.0
Replaced “Tri-stated” with an explanation in State During Reset column in Table 2-2.
Rev. 11
• Added the following note to the description of the TMS signal in Table 2-2:
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
• Added the following note to the description of the TRST signal in Table 2-2:
Note:
For normal operation, connect TRST directly to VSS. If the design is to be used in a debugging
environment, TRST may be tied to VSS through a 1K resistor.
Please see http://www.freescale.com for the most current data sheet revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com