| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PMLL5246B bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PMLL5246B bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 7 page ![]() 1996 Apr 26 5 Philips Semiconductors Product specification Voltage regulator diodes PMLL5225B to PMLL5267B THERMAL CHARACTERISTICS Note 1. Device mounted on a printed circuit-board without metallization pad. SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth j-tp thermal resistance from junction to tie-point lead length 10 mm 300 K/W Rth j-a thermal resistance from junction to ambient lead length max.; see Fig.2 and note 1 380 K/W |