công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F8000 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện 56F8000
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8000 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56F8000 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 160 page
background image
56F8025 Data Sheet, Rev. 3
8
Freescale Semiconductor
Preliminary
Data/Program RAM. Program Flash memory can be independently bulk erased or erased in pages.
Program Flash page erase size is 512 Bytes (256 Words).
A full set of programmable peripherals — PWM, ADCs, QSCI, QSPI, I2C, PITs, Quad Timers, DACs,
and analog comparators — supports various applications. Each peripheral can be independently shut down
to save power. Any pin in these peripherals can also be used as General Purpose Input/Outputs (GPIOs).
1.3 Award-Winning Development Environment
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
The CodeWarrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs), demonstration board kit and
development system cards will support concurrent engineering. Together, PE, CodeWarrior and EVMs
create a complete, scalable tools solution for easy, fast, and efficient development.
1.4 Architecture Block Diagram
The 56F8025’s architecture is shown in Figures 1-1, 1-2, 1-3, 1-4, 1-5, 1-6, and 1-7. Figure 1-1 illustrates
how the 56800E system buses communicate with internal memories and the IPBus Bridge and the internal
connections between each unit of the 56800E core. Figure 1-2 shows the peripherals and control blocks
connected to the IPBus Bridge. Figures 1-3, 1-4, 1-5, 1-6, and 1-7 detail how the device’s I/O pins are
muxed. The figures do not show the on-board regulator and power and ground signals. Please see Part 2,
Signal/Connection Descriptions, for information about which signals are multiplexed with those of other
peripherals.
1.4.1
PWM, TMR and ADC Connections
Figure 1-3 shows the over- and under-voltage connections from the ADC to the PWM and the connections
to the PWM from the TMR and GPIO. These signals can control the PWM outputs in a similar manner to
the over- and under-voltage control signals. See the 56F802x and 56F803x Peripheral Reference
Manual for additional information.
The PWM_reload_sync output can be connected to the Timer’s Channel 3 input and the Timer’s Channels
2 and 3 outputs are connected to the ADC sync inputs. Timer Channel 3 output is connected to SYNC0
and Timer Channel 2 is connected to SYNC1. These are controlled by bits in the SIM Control Register;
see Section 6.3.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com