công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PRF18BE471QB1RB bảng dữ liệu(PDF) 9 Page - Murata Manufacturing Co., Ltd.

tên linh kiện PRF18BE471QB1RB
Giải thích chi tiết về linh kiện  for Surface Mounting Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471QB1RB bảng dữ liệu(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471QB1RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF18BE471QB1RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PRF18BE471QB1RB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PRF18BE471QB1RB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PRF18BE471QB1RB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PRF18BE471QB1RB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PRF18BE471QB1RB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PRF18BE471QB1RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PRF18BE471QB1RB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Popular Applications of Chip NTC
More Popular Applications of Chip NTCs
LCD
Power Amplifier
Battery Pack (Li-Ion / Ni MH)
V ref
Ground
LCD
Controller
Vcc
to Antenna
Thermal
Connection
PA
Module
AGC
Amp.
ROM
Li-lon
Thermal
Connection
FET
FET
IC
NTC
Ni MH
Thermal
Connection
PTC
NTC
LCD Contrast control.
Drive voltage is
compensated utilizing
NTC’s temperature
signal.
High resistance values
generally required,
typically
33k ohms to
470k ohms
Temperature
compensation of
power amplifier (PA)
module.
Ambient temperature
detection of charging time.
Detection of battery cell
heating in abnormal
circumstances.
47k ohm
±5%
10k ohm
±5%
10k ohm
±1% …etc.
LCD TV
VCR Camera
CD Auto Changer
Printer
Personal Computer
Mobile Phone
Pager
Portable CD
Player
Headphone Stereo
Mini Disk Player
Rechargeable Battery
Cassette & Tuner
NCP15
(0402
size)
NCP15
(0402
size)
NCP18
(0603
size)
NCP18
(0603
size)
NCP21
(0805
size)
NCP21
(0805
size)
A lead of
mechanical
pencil
(0.5mm dia.)
NCP03
(0201
size)
NCP03
(0201
size)
HDD
Digital
Camera
PDA
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R01E.pdf
06.1.25



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com