công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

93C76CI/STG bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện 93C76CI/STG
Giải thích chi tiết về linh kiện  8K Microwire Compatible Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76CI/STG bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button 93C76CI/STG Datasheet HTML 2Page - Microchip Technology 93C76CI/STG Datasheet HTML 3Page - Microchip Technology 93C76CI/STG Datasheet HTML 4Page - Microchip Technology 93C76CI/STG Datasheet HTML 5Page - Microchip Technology 93C76CI/STG Datasheet HTML 6Page - Microchip Technology 93C76CI/STG Datasheet HTML 7Page - Microchip Technology 93C76CI/STG Datasheet HTML 8Page - Microchip Technology 93C76CI/STG Datasheet HTML 9Page - Microchip Technology 93C76CI/STG Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
DS21796D-page 6
 2004 Microchip Technology Inc.
2.4
ERASE
The ERASE instruction forces all data bits of the
specified address to the logical ‘1’ state. The rising
edge of CLK before the last address bit initiates the
write cycle.
The DO pin indicates the READY/BUSY status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL). DO at logical ‘0’ indicates that programming
is still in progress. DO at logical ‘1’ indicates that the
register at the specified address has been erased and
the device is ready for another instruction.
Note:
Issuing a Start bit and then taking CS low
will clear the READY/BUSY status from
DO.
FIGURE 2-1:
ERASE TIMING
CS
CLK
DI
DO
TCSL
CHECK STATUS
1
1
1AN
AN-1
AN-2
•••
A0
TSV
TCZ
BUSY
READY
HIGH-Z
TWC
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26