| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
43CTQ080GS bảng dữ liệu(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
43CTQ080GS bảng dữ liệu(HTML) 6 Page - International Rectifier |
|
6 / 7 page ![]() 43CTQ...GS, 43CTQ...G-1 6 Bulletin PD-20834 rev. A 02/07 www.irf.com ASSEMBLED ON WW 02, 2000 LOT CODE 8024 IN THE ASSEMBLY LINE "L" LOGO LOT CODE ASSEMBLY RECTIFIER INTERNATIONAL G = Schottky Generation LINE L WEEK 02 YEAR 0 = 2000 DATE CODE PART NUMBER THIS IS A 43CTQ100GS 43CTQ100GS TRR FEED DIRECTION TRL FEED DIRECTION 10.90 (0.429) 10.70 (0.421) 16.10 (0.634) 15.90 (0.626) 1.75 (0.069) 1.25 (0.049) 1.85 (0.073) 1.65 (0.065) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059) DIA. 1.60 (0.063) 1.50 (0.059) DIA. 11.60 (0.457) 11.40 (0.449) 15.42 (0.609) 15.22 (0.601) 4.72 (0.186) 4.52 (0.178) 24.30 (0.957) 23.90 (0.941) 0.368 (0.0145) 0.342 (0.0135) 360 (14.173) DIA. MAX. 26.40 (1.039) 24.40 (0.961) 13.50 (0.532) 12.80 (0.504) DIA. 60 (2.362) DIA. MIN. SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 800 pieces per reel for both TRL and T RR. Tape & Reel Information Dimensions in millimeters and (inches) LOGO RECTIFIER INTERNATIONAL LOT CODE ASSEMBLY EXAMPLE: ASSEMBLED ON WW 19, 1999 IN THE ASSEMBLY LINE "C" LOT CODE 1789 G = Schottky Generation PART NUMBER YEAR 9 = 1999 DATE CODE LINE C WEEK 19 THIS IS A 43CTQ100G-1 Part Marking Information TO-262 D2PAK |