công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MA4SW210B-1 bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện MA4SW210B-1
Giải thích chi tiết về linh kiện  Monolithic Pin Diode Switches with Integrated Bias Network
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW210B-1 bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  MA4SW210B-1 Datasheet HTML 1Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 2Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 3Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 4Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 5Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 6Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 7Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 8Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Monolithic Pin Diode Switches w/Integrated Bias Network
MA4SW210B-1, MA4SW310B-1
V 3.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice. M/A-COM makes no warranty,
representation or guarantee regarding the suitability of its products for any
particular purpose, nor does M/A-COM assume any liability whatsoever arising out
of the use or application of any product(s) or information.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
MA4SW210B-1 (SP2T)
Electrical Specifications @ TA = +25 °C, +/ 20 mA Bias Current
Parameter
Frequency
Minimum
Nominal
Maximum
Units
Insertion Loss
6 GHz
0.60
1.0
dB
12 GHz
0.80
1.1
dB
18 GHz
1.25
2.25
dB
Isolation
6 GHz
47.5
51.4
dB
12 GHz
41.4
45.1
dB
18 GHz
36.2
40.4
dB
Input Return Loss
6 GHz
18.5
20.5
dB
12 GHz
12.9
18.2
dB
18 GHz
19.0
14.0
dB
Switching Speed
1
-
50.0
ns
MA4SW310B-1 (SP3T)
Electrical Specifications @ TA = +25 °C, +/ 20 mA Bias Current
Parameter
Frequency
Minimum
Nominal
Maximum
Units
Insertion Loss
6 GHz
0.58
1.16
dB
12 GHz
0.76
1.38
dB
18 GHz
1.04
1.81
dB
Isolation
6 GHz
49.0
58.6
dB
12 GHz
41.4
48.5
dB
18 GHz
36.0
42.5
dB
Input Return Loss
6 GHz
16.3
19.9
dB
12 GHz
13.0
19.4
dB
18 GHz
10.9
17.3
dB
Switching Speed
1
-
50.0
ns
Operation of the MA4SW 210B-1
and 310B-1
Operation of the MA4SW210B-1 and MA4SW 310B-1 PIN
Switches is achieved by simultaneous application of DC
currents to the bias pads. The required levels for the
different states are shown in the tables below.
The control currents should be supplied by constant current
sources. The nominal 40
Ω - 60 Ω pull-up resistor voltage
@ J4 and J5 for –20 mA is usually -1V for +20 mA is
usually +1 V.
Driver Connections MA4SW210B-1
Control Level
(DC Current) at
Condition
of RF
Output
Condition
of RF
Output
J4
J5
J1 - J2
J1 - J3
-20 mA
+20 mA
Low Loss
Isolation
+20 mA
-20 mA
Isolation
Low Loss
1 Typical Switching Speed measured from 10% to 90% of detected RF signal driven by TTL compatible drivers using RC
Output Spiking Network, R = 50 – 200
Ω, C = 390 – 560 pF.



Html Pages

1 2 3 4 5 6 7 8 9