| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS324 bảng dữ liệu(PDF) 2 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AS324 bảng dữ liệu(HTML) 2 Page - BCD Semiconductor Manufacturing Limited |
|
2 / 13 page ![]() LOW POWER QUAD OPERATIONAL AMPLIFIERS AS324/324A Data Sheet 2 Apr. 2007 Rev. 1.6 BCD Semiconductor Manufacturing Limited Pin Configuration M/P/G Package Figure 2. Pin Configuration of AS324/324A (Top View) Functional Block Diagram Figure 3. Functional Block Diagram of AS324/324A (Each Amplifier) Q2 Q4 Q3 Q1 Q8 Q9 6 µA 4 µA Q10 Q11 50 µA Q5 Q6 Q13 Rsc Cc 100 µA Q7 INPUTS + - OUTPUT Q12 V CC (SOIC-14/DIP-14/TSSOP-14) Ordering Information Circuit Type Package E1: Lead Free Blank: Tin Lead AS324 TR: Tape and Reel Blank: Tube M: SOIC-14 P: DIP-14 - Blank: AS324 A: AS324A G: TSSOP-14 INPUT 1- INPUT 1+ VCC INPUT 2+ INPUT 2- OUTPUT 2 OUTPUT 1 14 13 12 11 10 9 8 1 2 3 4 5 6 7 OUTPUT 4 INPUT 4- INPUT 4+ GND INPUT 3+ INPUT 3- OUTPUT 3 VCC INPUT 1+ |