| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS7541 bảng dữ liệu(PDF) 5 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7541 bảng dữ liệu(HTML) 5 Page - LSI Computer Systems |
|
5 / 5 page ![]() The Figure 5 Application Schematic functions identically to that shown in Figure 4 with one less component. Referencing Triac T1 to the +V power supply of the IC eliminates the need to AC couple the TRIAC pulse to the Triac Gate thereby eliminating component C5. 7541-051106-5 AC MAINS LOAD R1 R3 R4 C1 D1 FIGURE 5. TOUCH LAMP APPLICATION SCHEMATIC C3 C4 D2 8 7 6 5 V SS MODE CONT CLOCK SYNC V DD TOUCH D3 R2 TOUCH PLATE (LAMP BODY) C2 T1 G MT2 MT1 Z1 R5 + - +V -V LS7541 C6 + - C7* (SEE NOTE 2) R6 1 2 3 4 SEE NOTE1 TRIG |